Part Number Hot Search : 
TEW5532 11016 95CS54F 1C330M 45NM60 BFM23 OPA8731H TVT24
Product Description
Full Text Search
 

To Download UF5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UF5400 ... uf5408 UF5400 ... uf5408 ultrafast switching silicon rectifier diodes C ultraschnelle silizium-gleichrichterdioden version 2010-03-30 dimensions - ma?e [mm] nominal current nennstrom 3 a repetitive peak reverse voltage periodische spitzensperrspannung 50...1000 v plastic case kunststoffgeh?use ~ do-201 weight approx. gewicht ca. 0.8 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] UF5400 50 50 uf5401 100 100 uf5402 200 200 uf5403 300 300 uf5404 400 400 uf5405 500 500 uf5406 600 600 uf5407 800 800 uf5408 1000 1000 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 3 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 30 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 100/120 a rating for fusing, grenzlastintegral, t < 10 ms t a = 25c i 2 t 50 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+175c -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand von geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 t y p e ? 1.2 0.05 ? 4.5 6 2 . 5 0 . 5 7 . 5 0 . 1 +0.1 - 0.3
UF5400 ... uf5408 characteristics kennwerte type typ reverse recovery time sperrverzugszeit forward voltage durchlass-spannung t rr [ns] 1 ) v f [v] at / bei i f = [a] UF5400 ... uf5403 < 50 < 1.0 3 uf5404 < 50 < 1.25 3 uf5405 ... uf5408 < 75 < 1.7 3 leakage current sperrstrom t j = 25c t j = 125c v r = v rrm v r = v rrm i r i r < 10 a < 50 a thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 25 k/w 1 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 8 k/w 1 i f = 0.5 a through/ber i r = 1 a to/auf i r = 0.25 a 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand von geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) [v] v f UF5400...3 uf5404 uf5405...8 t = 25c j 10 10 1 10 10 2 -1 -2


▲Up To Search▲   

 
Price & Availability of UF5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X